PART |
Description |
Maker |
ISL12008IB8Z-T ISL12008 ISL12008IB8Z |
I-2C Real Time Clock with Battery Backup Low Power RTC with Battery ReSealFunction I2C Real Time Clock with Battery Backup Low Power RTC with Battery ReSeal™ Function; Temperature Range: -40°C to 85°C; Package: 8-SOIC
|
Intersil Corporation
|
ISL1209 |
Low Power RTC with Battery Backed SRAM and Event Detection
|
Intersil
|
ISL12022MIBZ-TR5421 ISL12022MR5421 |
Low Power RTC with Battery Backed SRAM, Integrated 5ppm
|
Intersil Corporation
|
ISL12022 |
Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ppm with Auto Day Light Saving
|
Intersil
|
MAX6362 MAX6361-MAX6364 MAX6363LUT31-T MAX6361LUT3 |
2.38 V, SOT23, low-power, mP supervisory circuit with battery backup 4.50 V, SOT23, low-power, mP supervisory circuit with battery backup 3.15 V, SOT23, low-power, mP supervisory circuit with battery backup 3.00 V, SOT23, low-power, mP supervisory circuit with battery backup 2.70 V, SOT23, low-power, mP supervisory circuit with battery backup " SOT23, Low-Power Microprocessor Supervisory Circuits with Battery Backup" From old datasheet system Analog IC 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
CBC3105 CBC3112 CBC3150 |
Microchip MDP79410 RTC Power Backup with EnerChip Battery
|
Cymbet Corporation
|
ISL1209IU10-ZTK |
Low Power RTC with Battery Backed SRAM and Event Detection; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R REAL TIME CLOCK, PDSO8
|
Intersil, Corp.
|
ISL12022IBZ |
Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Day Light Saving; Temperature Range: -40°C to 85°C; Package: 8-SOIC
|
INTERSIL CORP
|
ISL12023IVZ-T |
Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Day Light Saving; Temperature Range: -40°C to 85°C; Package: 14-TSSOP T&R REAL TIME CLOCK, PDSO14 Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Day Light Saving; Temperature Range: -40°C to 85°C; Package: 14-TSSOP REAL TIME CLOCK, PDSO14
|
Intersil, Corp.
|
ISL12020MIRZ ISL12020MIRZ-T ISL12020M |
Low Power RTC with Battery Backed SRAM, Integrated 卤5ppm Temperature Compensation and Auto Daylight Saving Low Power RTC with Battery Backed SRAM, Integrated ±5ppm Temperature Compensation and Auto Daylight Saving Real Time Clock with Embedded Crystal, ±5ppm Accuracy; Temperature Range: -40°C to 85°C; Package: 20-DFN REAL TIME CLOCK, PDSO20 Real Time Clock with Embedded Crystal, ±5ppm Accuracy; Temperature Range: -40°C to 85°C; Package: 20-DFN T&R
|
Intersil Corporation Intersil, Corp.
|